PART |
Description |
Maker |
ADR520 ADR520ART-R2 ADR520ART-REEL7 ADR520BKS-R2 A |
High Precision Shunt Mode Voltage References 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 High Precision Shunt Mode Voltage References 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3 V, PDSO3 High Precision Shunt Mode Voltage References 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component
|
Analog Devices, Inc. AD[Analog Devices]
|
PMA0207 |
Metal Film Resistors, Precision, High Stability 金属膜电阻器,高精度,高稳定 Metal Film Resistors, Precision, High Stability, Special stabilized metal alloy on high quality ceramic, Suitable for precision measuring techniques and precision control engineering
|
VISAY[Vishay Siliconix]
|
TSL253 TSL254 |
PRECISION HIGHSPEED LIGHTTOVOLTAGE CONVERTER PRECISION HIGHSPEED LIGHTTOVOLTAGE CONVERTER
|
TAOS List of Unclassifed Manufacturers ETC
|
29W040 M29W040 M29W040-120K5TR M29W040-100K5TR M29 |
4 Mbit 512Kb x8 / Uniform Block Low Voltage Single Supply Flash Memory Excalibur Low-Noise High-Speed Precision Operational Amplifier 8-SOIC Dual Low-Noise High-Speed Precision Operational Amplifier 8-SOIC High Speed High Drive Precision Operational Amplifier 8-CDIP -55 to 125 Excalibur Low-Noise High-Speed Precision Dual Operational Amplifier 8-SOIC High Speed High Drive Precision Dual Operational Amplifier 8-CDIP -55 to 125 ; Capacitance:180pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:300V; Package/Case:1210; Series:SQ; Dielectric Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:PCB Surface Mount High Speed High Drive Precision Dual Operational Amplifier 20-LCCC -55 to 125 4兆位512KB的8,统一座低电压单电源闪 CAP RF 2.0PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory 4兆位512KB的8,统一座低电压单电源闪 CAP RF 27PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 1.8PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 24PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 22PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 High Speed High Drive Precision Dual Operational Amplifier 8-SOIC CAP RF 1.0PF 250V 0603 SMD Excalibur Low-Noise High-Speed Precision Operational Amplifier 8-PDIP 0 to 70 Dual Low-Noise High-Speed Precision Operational Amplifier 8-PDIP 512K X 8 FLASH 3V PROM, 150 ns, PQCC32 512K X 8 FLASH 3V PROM, 200 ns, PDSO32 512K X 8 FLASH 3V PROM, 120 ns, PQCC32
|
意法半导 STMicroelectronics N.V.
|
MC102821504JE MC102822501JE MC102822502JE MC102822 |
High Voltage/High Resistance Precision Thick Film Surface Mount
|
Ohmite Mfg. Co.
|
S-80845ALNP-EA9-T2 S-80821ALNP-EAJ-T2 S-80840ALNP- |
Low-voltage high-precision voltage detector
|
Epson Company
|
HI80T15410D HI80T15410F HI80P20B1K1D HI80P150B1K1D |
Ultra-Precision High-Power High-Voltage Resistors
|
Token Electronics Indus...
|
HVC0603N1007KET HVC0402N5007KET HVC4020V1004JET HV |
Precision High-Value High-voltage Wraparound Chip
|
Ohmite Mfg. Co.
|
MCP1525 MCP1541 |
(MCP1525 / MCP1541) 2.5V AND 4.096V VOLTAGE REFERENCES MCP1525 is a low power, high precision voltage reference. It provides a precise output voltage of 2.5V which is then compared to other voltages in the system.This voltage reference is normally used in the 3V to 5V systems, where there may MCP1541 is a low power, high precision voltage reference. It provides a precise output voltage of 4.096V which is then compared to other voltages in the system.This voltage reference is normally used in the 3V to 5V systems, where there ma
|
Microchip Technology
|